PART |
Description |
Maker |
W199ABMX-7 W199ADBX-4 W199AX-8 W199BX-110 W199DEX- |
Advantages of the W199 Power Relay
|
List of Unclassifed Manufacturers
|
5CGXFC7D6 |
Key Advantages of Cyclone V Devices
|
Altera Corporation
|
PIC16F785 |
The PIC16F785 Flash microcontroller offers all of the advantages of the well recognized mid-range x14 architecture with standardized ...
|
Microchip
|
LXHL-PH09 LXHL-DB09 LXHL-PD09 LXHL-DM09 LXHL-PR09 |
Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting. 结合与传统照明亮度寿命和发光二极管的可靠性优势 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
AP-752 |
AP-752 - AP-752 The Advantages of Using the 82371SB PCI ISA IDE Xcelerator (PIIX3) with the Intel 430HX PCIset in Embedded Designs
|
Intel
|
DPC-24-1000B20 DPC-10-1000B3 DPC-10-440B2 DPC-16-7 |
POWER TRANSFORMER, 24 VA POWER TRANSFORMER, 10 VA POWER TRANSFORMER, 4.4 VA POWER TRANSFORMER, 1.2 VA POWER TRANSFORMER, 1 VA Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP Pulse A Technitrol Company Pulse A Technitrol Comp...
|
45912-0026 0459120026 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Power, Signal, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
AT73C202 |
Power Management for Mobiles (PM) 2-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA49 The AT73C202 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with state-of-the-art cellular phones, for example with 2.5G GSM phones. It includes all required power supplies tailored to be ful
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT73C224-A AT73C224-B AT73C224-E AT73C224-G AT73C2 |
Power Management and Analog Companions (PMAAC) 1-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32 Ultra-low Power Real-time Clock (RTC) and Backup Battery Management Activation of the Power Management Modules via Dedicated Enable Pin
|
聚兴科技股份有限公司 ATMEL Corporation
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
RMPA2271 |
WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
|
FAIRCHILD[Fairchild Semiconductor]
|
2SD1719 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN triple diffusion planar type
|
Panasonic Semiconductor
|